Part Number Hot Search : 
ER802D 35125 KPY44R 00100 SKY77765 7GZITE1 MAX8704 MD3251
Product Description
Full Text Search
 

To Download IDT71215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Device Technology, Inc.
BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumTM Processor
IDT71215
FEATURES:
* 16K x 15 Configuration - 12 TAG Bits - 3 Separate I/O Status Bits (Valid, Dirty, Write Through) * Match output uses Valid bit to qualify MATCH output * High-Speed Address-to-Match comparison times - 8/9/10/12ns over commercial temperature range * BRDY circuitry included inside the Cache-Tag for highest speed operation * Asynchronous Read/Match operation with Synchronous Write and Reset operation * Separate WE for the TAG bits and the Status bits * Separate OE for the TAG bits, the Status bits, and BRDY * Synchronous RESET pin for invalidation of all Tag entries * Dual Chip selects for easy depth expansion with no performance degredation * I/O pins both 5V TTL and 3.3V LVTTL compatible with VCCQ pins * PWRDN pin to place device in low-power mode * Packaged in a 80-pin Thin Plastic Quad Flat Pack (TQFP)
DESCRIPTION:
The IDT71215 is a 245,760-bit Cache Tag StaticRAM, organized 16K x 15 and designed to support the Pentium and other Intel processors at bus speeds up to 66MHz. There are twelve common I/O TAG bits, with the remaining three bits used as status bits. A 12-bit comparator is on-chip to allow fast comparison of the twelve stored TAG bits and the current Tag input data. An active HIGH MATCH output is generated when these two groups of data are the same for a given address.
This high-speed MATCH signal, with tADM as fast as 8ns, provides the fastest possible enabling of secondary cache accesses. The three separate I/O status bits (VLD, DTY, and WT) can be configured for either dedicated or generic functionality, depending on the SFUNC input pin. With SFUNC LOW, the status bits are defined and used internally by the device, allowing easier determination of the validity and use of the given Tag data. SFUNC HIGH releases the defined internal status bit usage and control, allowing the user to configure the status bit information to fit his system needs. A synchronous RESET pin, when held LOW at a rising clock edge, will reset all status bits in the array for easy invalidation of all Tag addresses. The IDT71215 also provides the option for Burst Ready (BRDY) generation within the cache tag itself, based upon MATCH, VLD bit, WT bit, and external inputs provided by the user. This can significantly simplify cache controller logic and minimize cache decision time. Match and Read operations are both asynchronous in order to provide the fastest access times possible, while Write operations are synchronous for ease of system timing. The IDT71215 uses a 5V power supply on Vcc with separate VCCQ pins provided for the outputs to offer compliance with both 5.0V TTL and 3.3V LVTTL Logic levels. The PWRDN pin offers a low-power standby mode to reduce power consumption by 90%, providing significant system power savings. The IDT71215 is fabricated using IDT's high-performance, high-reliability BiCMOS technology and is offered in a spacesaving 80-pin Thin Plastic Quad Flat Pack (TQFP) package.
PIN DESCRIPTIONS
A0 - A13 Address Inputs Chip Selects Write Enable - Tag Bits Write Enable - Status Bits Output Enable - Tag Bits Output Enable - Status Bits Status Bit Reset Powerdown Mode Control Pin Status Bit Function Control Pin Write/Read Input from Processor Valid Bit / S1 Bit Input Dirty Bit / S2 Bit Input Write Through Bit / S3 Bit Input Input Input Input Input Input Input Input Input Input Input Input Input Input CLK BRDYH System Clock Input Input Input Input Output I/O Output Output Output Output Pwr QPwr Gnd
3075 tbl 01 The IDT logo is a registered trademark of Integrated Device Technology, Inc. Pentium is a trademark of Intel Corporation
CS1, CS2 WET WES OET OES RESET PWRDN
SFUNC W/R VLDIN / S1IN DTYIN / S2IN WTIN / S3IN
BRDYOE BRDYIN BRDY
TAG0 - TAG11 VLDOUT / S1OUT DTYOUT / S2OUT WTOUT / S3OUT MATCH VCC VCCQ VSS
BRDY Force High BRDY Output Enable Additional BRDY Input
Burst Ready Tag Data Input/Outputs Valid Bit / S1 Bit Output Dirty Bit / S2 Bit Output Write Through Bit / S3 Bit Output Match +5V Power Output Buffer Power Ground
COMMERCIAL TEMPERATURE RANGE
(c)1996 Integrated Device Technology, Inc.
AUGUST 1996
DSC-3075/3
14.3
1
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
PIN CONFIGURATION
VLDIN / S1IN BRDYOE PWRDN RESET TAG11 TAG10
WES
WET
OES
OET
VSS
CLK
CS2
CS1
VSS VSS VSS VSS DTYIN / S2IN WTIN / S3IN A0 A1 A2 VCC VSS A3 A4 A5 A6 A7 VSS VSS VSS VSS
1
80
VSS
TAG9
VSS VSS VSS TAG8 TAG7 TAG6 VLDOUT / S1OUT VCCQ VSS BRDY MATCH VSS VCCQ WTOUT / S3OUT TAG5 TAG4 NC VSS VSS VSS
PN80-1
A10
A11
DTYOUT / S2OUT
BRDYH
A12
W/R
BRDYIN
A13
VSS
TAG0 VSS
TAG2
VCCQ
VCC
VCC
VSS
SFUNC
TAG1
TAG3
VCC
VCCQ
VSS
A8
A9
3075 drw 01
TQFP TOP VIEW
14.3
2
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
FUNCTIONAL BLOCK DIAGRAM
ADDR (0:13) Reg 0 1 16K x 12 MEMORY TAG BITS
CS1
16K x 3 MEMORY STATUS BITS
CS2 Reg Data in Register SA SA Data in Register VLD/S1IN DTY/S2IN TAG (0:11)
OET
WT/S3IN
VLD/S1OUT DTY/S2OUT WRITE (pos) PULSE GENERATOR WT/S3OUT
WET
Reg
WES
CLK RESET (neg) PULSE GENERATOR COMPARE
OES
RESET
PWRDN
SFUNC MATCH W/R BRDYH
BRDY BRDYIN
Reg
BRDYOE
14.3
3
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
TRUTH TABLES CHIP SELECT, RESET, AND POWER-DOWN FUNCTIONS(1, 2)
CS1
CS2
RESET PWRDN
CLK
WET WES BRDYOE
TAG VLDOUT DTYOUT WTOUT MATCH
BRDY
OPERATION POWER
CHIP SELECT FUNCTION
H X L X L H X X X H H H X X X X X X X X X X X X Hi-Z Hi-Z - Hi-Z Hi-Z - Hi-Z Hi-Z - Hi-Z Hi-Z - Hi-Z Hi-Z - Hi-Z Hi-Z - Deselected Deselected Selected Active Active Active
RESET FUNCTION
L L H X X X H H X L X X L L L L L L H H H H H H H H H H L X H H H H X L L H X X X X Hi-Z Hi-Z Hi-Z Hi-Z - - L(3) L(3) Hi-Z Hi-Z - - L(3) L(3) Hi-Z Hi-Z - - L(3) L(3) Hi-Z Hi-Z - - L(3) L(3) Hi-Z Hi-Z - - H Hi-Z Hi-Z Hi-Z - - Reset Status Reset Status Reset Status Reset Status Not Allowed Not Allowed Active Active Active Active - -
POWER-DOWN FUNCTION
X X X L X H H X Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Power-down Standby
3075 tbl 02
NOTES: 1. "H" = VIH, "L" = VIL, "X" = don't care, "-" = unrelated. 2. OET, OES, W/R, BRDYH, BRDYIN and SFUNC are "X" for this table. 3. OES is LOW.
READ AND WRITE FUNCTIONS(1, 2)
OET OES WET WES
CLK
W/R R
TAG VLDIN
DTYIN WTIN
VLDOUT DTYOUT WTOUT
MATCH
OPERATION
READ FUNCTION
L X H X X L X H H X X X X X X X X X X X X X X X DOUT - Hi-Z - - - - - - - - - - - - - - DOUT - Hi-Z - DOUT - Hi-Z - DOUT - Hi-Z DOUT DOUT DOUT DOUT Read TAG I/O Read Status Bits TAG I/O Disable Status Disabled
WRITE FUNCTION
H L X X X X L H L L X X X X L L X X X X DIN - - - - - DIN DIN - - DIN DIN - - DIN DIN DOUT - DOUT - DOUT - L - L L Write TAG I/O Not Allowed Write Status Bits Write Status Bits
DOUT(3) DOUT(3) DOUT(3) Hi-Z Hi-Z Hi-Z
NOTES: 3075 tbl 03 1. "H" = VIH, "L" = VIL, "X" = don't care, "-" = unrelated. 2. This table applies when CS1 is LOW and CS2, RESET, and PWRDN are HIGH. BRDYOE, BRDYH, BRDYIN and SFUNC are "X" for this table. 3. DOUT in this case is the same as DIN; that is, the input data is written through to the outputs during the write operation.
14.3
4
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
TRUTH TABLES (CONT.) MATCH FUNCTION(1, 2, 3)
CS1
CS2 SFUNC X L H H H H H H H X X X X X X L L H
OET
WET
WES
TAG Hi-Z Hi-Z - DOUT DIN - TAGIN TAGIN TAGIN
VLD(4) DTY(4) WT(4) MATCH - - - - - DIN L H X - - - - - DIN - - - - - - - - DIN - - - Hi-Z Hi-Z DOUT L L L L M M
OPERATION Deselected Deselected Selected Read Tag I/O Write Tag I/O Write Status Bits Invalid Data - Dedicated Status Bits Match - Dedicated Status Bits Match - Generic Status Bits
3075 tbl 04
H X L L L L L L L
X X X L H X H H H
X X X H L X H H H
X X X X X L H H H
NOTES: 1. "H" = VIH, "L" = VIL, "X" = don't care, "-" = unrelated. 2. M = HIGH if TAGIN equals the memory contents at that address; M = LOW if TAGIN does not equal the memory contents at that address. 3. PWRDN and RESET are HIGH for this table. W/R, BRDYH, BRDYOE, BRDYIN, OES, and CLK are "X". 4. This column represents the stored memory cell data for the given Status bit at the selected address.
BRDY
FUNCTION(1, 2, 3, 5)
(6)
OET WET WES
BRDYOE BRDYIN
BRDYH W/R SFUNC R X X X X X H X X L L L L X X X X X X X H X L X X X X X X X X L L L L L H
VLD(4) DTY(4) WT(4) TAG MATCH X X X X DIN X L X H H H X - - - - DIN - - - - - - - X X X X DIN X X H L X X X - - DOUT DIN - - - - TAGIN TAGIN TAGIN TAGIN - X L L L X L X M M M M
BRDY
OPERATION
BRDY
H L L L L L L L L L L L
X L H H H H H H H H H H
X X L X X X X X H H H H
X X X L X X X X H H H H
X X X X L X X X H H H H
Hi-Z L H H H H H H
M M M M
Disabled
Ext BRDY Input (7) Read TAG Write TAG Write Status Force BRDY HIGH Invalid TAG Write Through Compare Compare Compare Compare
NOTES: 3075 tbl 05 1. "H" = VIH, "L" = VIL, "X" = don't care, "-" = unrelated. 2. M = HIGH if TAGIN equals the memory contents at that address; M = LOW if TAGIN does not equal the memory contents at that address. 3. PWRDN and RESET are HIGH for this table. CLK and OES are "X". 4. This column represents the stored memory cell data for the given Status bit at the selected address. 5. CS1 is LOW, CS2 is HIGH for this table. 6. BRDYIN is a synchronous input; thus the inputs noted in the table must be applied during a rising CLK edge. 7. BRDYIN will be a factor in determining the BRDY output in all cases except when BRDYH is HIGH and there is a valid MATCH. In that case, BRDY will be LOW(Valid).
14.3
5
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
RECOMMENDED DC OPERATING CONDITIONS
Symbol VCC VCCQ VCCQ VSS VIH VIHQ VIL Parameter Supply Voltage 5V Output Buffers 3.3V Output Buffers Supply Ground Input High Voltage I/O High Voltage Input Low Voltage Min. 4.75 4.75 3.0 0 2.2 2.2 -0.5(1) Typ. 5.0 5.0 3.3 0 3.0 3.0 -- Max. 5.25 5.25 3.6 0
VCC+0.3 VCCQ+0.3
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Unit V V V V V V V TA TBIAS TSTG PT IOUT VTERM Rating Terminal Voltage with Respect to GND Operating Temperature Temperature Under Bias Storage Temperature Power Dissipation DC Output Current Value -0.5 to +7.0(2) -0 to +70 -65 to +135 -65 to +150 1.7 20 Unit V C C C W mA
0.8
NOTE: 3075 tbl 06 1. VIL (min.) = -1.5V for pulse width of less than 10ns, once per cycle.
CAPACITANCE
(TA = +25C, f = 1.0 MHz)
Symbol CIN CTAG COUT Parameter(1) Input Capacitance TAG Input/Output Capacitance Output Capacitance Condition VIN = 0V VI/O = 0V VOUT = 0V Max. 5 7 7 Unit pF pF pF
NOTES: 3075 tbl 08 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliabilty. 2. VIN should not exceed Vcc+0.5V. All pins should not exceed 7.0V. VCCQ should never exceed VCC, and VCC should never exceed VCCQ + 4.0V.
NOTE: 3075 tbl 07 1. This parameter is determined by device characterization but is not production tested.
DC ELECTRICAL CHARACTERISTICS OVER THE OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE
(VCC = 5.0V 5%, VCCQ = 5.0V 5% OR 3.3V 0.3V)
Symbol |ILI| |ILO| VOL VOH Parameter Input Leakage Current Output Leakage Current Output Low Voltage Output High Voltage
CS1
Test Condition VCC = Max., VIN = 0V to VCC VIH, CS2 VIL, OE VIH, VCC = Max. VOUT = 0V to VCCQ, VCCQ = Max. IOL = 4mA, VCC = Min. IOH = -4mA, VCC = Min.
Min. -- -- -- 2.4
Max. 5 5 0.4 --
Unit A A V V
3075 tbl 09
DC ELECTRICAL CHARACTERISTICS OVER THE OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1, 2) (VCC = 5.0V 5%)
Symbol Parameter ICC ISB ISB1 Operating Power Supply Current Standby Power Supply Current Test Condition
PWRDN VIH Outputs Open, VCC = Max., f = fMAX(3) PWRDN VIL, VIN VIH or VIL VCC = Max., f = fMAX(3)
71215S8 71215S9 71215S10 71215S12 Com'l. Mil. Com'l. Mil. Com'l. Mil. Com'l. Mil. Unit 330 30 25 -- -- -- 300 30 25 -- -- -- 290 30 25 -- -- -- 280 30 25 -- -- -- mA mA mA
3075 tbl 10
Full Standby Power PWRDN VIL, VIN VHC or VLC(4) Supply Current VCC = Max., f = 0(3)
NOTES: 1. All values are maximum guaranteed values. 2. CS1 VIL, CS2 VIH. 3. fMAX =1/tCYC (all address inputs are cycling at fMAX). f = 0 means no address input lines are changing. 4. VHC = VCC - 0.2V, VLC = 0.2V
14.3
6
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
AC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V 5%, VCCQ = 5.0V 5%
OR
3.3V 0.3V, TA = 0 to 70C)
IDT71215S8 IDT71215S9 Min. -- -- 1 1 -- 0 1 2 -- 0 1 -- -- 2 Max. 11 9 -- 6 6 -- 6 -- 6 -- 6 9 7 -- IDT71215S10 Min. -- -- 1 1 -- 0 1 2 -- 0 1 -- -- 2 Max. 12 10 -- 6 6 -- 6 -- 6 -- 6 10 8 -- IDT71215S12 Min. -- -- 1 1 -- 0 1 2 -- 0 1 -- -- 2 Max. 14 12 -- 7 7 -- 7 -- 7 -- 7 12 10 -- Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns
3075 tbl 11
Symbol Parameter Read Cycle tAAT Address Access Time Tag Bits tACST Chip Select Access Time Tag Bits tCLZ(1) tCHZ(1) tOET tOTLZ(1) tOTHZ(1) tTOH tOES tOSLZ(1) tOSHZ(1) tAAS tACSS tSOH Chip Select to Tag and Status Bits in Low-Z Chip Select to Tag and Status Bits in High-Z Output Enable to Tag Bits Valid Output Enable to Tag Bits in Low-Z Output Enable to Tag Bits in High-Z Tag Bit Hold from Address Change Output Enable to Status Bits Valid Output Enable to Status Bits in Low-Z Output Enable to Status Bits in High-Z Address Access Time Status Bits Chip Select Access Time Status Bits Status Bit Hold from Address Change
Min. -- -- 1 1 -- 0 1 2 -- 0 1 -- -- 2
Max. 10 8 -- 5 5 -- 5 -- 5 -- 5 8 6 --
NOTE: 1. This parameter is guaranteed with the AC Load (Figure 3) by device characterization, but is not production tested.
AC ELECTRICAL CHARACTERISTICS (1)
(VCC = 5.0V 5%, VCCQ = 5.0V 5%
Symbol Parameter Reset and Power Down Cycles tSR tHR tSRST tSHRS tRSMI tRSMV tRSHZ(2) tRSLZ(2) tPDSR tRHPL tRHWL tPD(2) tPU(2) tPDHZ(2) tPDLZ(2) tPUV tWHPL(2) tPUWL
RESET RESET
OR
3.3V 0.3V, TA = 0 to 70C)
IDT71215S8 Min. Max. 4 1 -- 2 -- -- -- -- 30 1 90 -- 0 -- 0 -- 5 50 -- -- 50 -- 9 110 9 90 -- -- -- 50 -- 9 -- 50 -- -- IDT71215S9 Min. Max. 4 1 -- 2 -- -- -- -- 30 1 95 -- 0 -- 0 -- 5 50 -- -- 60 -- 10 120 10 100 -- -- -- 50 -- 10 -- 50 -- -- IDT71215S10 Min. Max. 4 1 -- 2 -- -- -- -- 30 1 95 -- 0 -- 0 -- 5 50 -- -- 60 -- 10 120 10 100 -- -- -- 50 -- 10 -- 50 -- -- IDT71215S12 Min. Max. 4 1 -- 2 -- -- -- -- 30 1 105 -- 0 -- 0 -- 5 50 -- -- 70 -- 12 130 12 110 -- -- -- 50 -- 12 -- 50 -- -- Unit ns ns ns ns ns ns ns ns ns CLK ns ns ns ns ns ns ns ns
3075 tbl 12
Set-up Time
Hold Time Status Bit Reset Time Status Bit Hold from RESET LOW RESET LOW to MATCH and BRDY Invalid RESET HIGH to MATCH and BRDY Valid
RESET RESET
LOW to TAG High-Z HIGH to TAG Low-Z
Set-up to RESET LOW RESET HIGH to PWDRN LOW RESET HIGH to WET and WES LOW
PWRDN PWRDN PWRDN PWRDN PWRDN PWRDN WET
LOW to Low Power Mode HIGH to Active Power Mode LOW to Outputs in High-Z HIGH to Outputs in Low-Z HIGH to Outputs Valid HIGH to WET and WES Active
and WES HIGH to PWRDN LOW
PWRDN
NOTES: 1. Power-down mode is intended to be used during extended time periods of device inactivity. 2. This parameter is guaranteed with the AC Load (Figure 3) by device characterization, but is not production tested.
14.3
7
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
AC ELECTRICAL CHARACTERISTICS (1)
(VCC = 5.0V 5%, VCCQ = 5.0V 5%
Symbol tCYC tCH(2, 3) tCL(2, 3) tS tH tSA tHA tWMI tCKLZ
(3)
OR
3.3V 0.3V, TA = 0 to 70C)
IDT71215S8 IDT71215S9 IDT71215S10 IDT71215S12 Min. Max. Min. Max. Min. Max. Min. Max. Unit 15 4.5 4.5 3 1 3 1 -- 1.5 -- -- 0 5 50 -- -- -- -- -- -- -- 6 -- 9 8 -- -- -- 15 4.5 4.5 3 1 3 1 -- 1.5 -- -- 0 5 50 -- -- -- -- -- -- -- 7 -- 10 9 -- -- -- 15 4.5 4.5 3 1 3 1 -- 1.5 -- -- 0 5 50 -- -- -- -- -- -- -- 7 -- 10 9 -- -- -- 16.6 5 5 3 1 3 1 -- 1.5 -- -- 0 5 50 -- -- -- -- -- -- -- 8 -- 12 10 -- -- -- ns ns ns ns ns ns ns ns ns ns ns ns ns ns
3075 tbl 14
Parameter Clock Cycle Time Clock Pulse HIGH Clock Pulse LOW
WET, WES, WET, WES,
Write Cycle and Clock Parameters
Chip Select, and Input Data Set-up Time Chip Select, and Input Data Hold Time
Address Set-up Time Address Hold Time CLK HIGH Write to MATCH and BRDY Invalid CLK HIGH Read to Outputs in Low-Z CLK HIGH Read to Tag Bits Valid CLK HIGH Write to Status Outputs Valid Status Output Hold from CLK HIGH Write
WET
tCTV(4) tCSV(4) tCSH(3) tWHPL tPUWL
and WES HIGH to PWRDN LOW HIGH to WET and WES Active
PWRDN
NOTES: 1. All Write cycles are synchronous and referenced from rising CLK. 2. This parameter is measured as a HIGH time above 2.0V and a LOW time below 0.8V. 3. This parameter is guaranteed with the AC Load (Figure 3) by device characterization, but is not production tested. 4. Addresses are stable prior to CLK transition HIGH.
14.3
8
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
AC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V 5%, VCCQ = 5.0V 5%
Symbol tADM tDAM tCSM tCMLZ(1) tCMHZ(1) tMHA tMHD tBHA tBHD tADB tDAB tCSB tOEBV tOBLZ(1) tOBHZ(1) tBYFH tBYHV tSB tHB tBIBL tBIBV tOEMI tOEMV tWRBH(2) tWRBV(2) tWMI tWMV(3) Parameter Address to MATCH Valid Data Input to MATCH Valid Chip Select to MATCH Valid Chip Select to MATCH in Low-Z Chip Select to MATCH in High-Z MATCH Valid Hold from Address MATCH Valid Hold from Data
BRDY BRDY
OR
3.3V 0.3V, TA = 0 to 70C)
IDT71215S8 Min. Max. -- -- -- 1 1 2 2 2 2 -- -- -- -- 0 1 -- -- 4 1.5 -- -- -- -- -- -- -- -- 8 8 8 -- 5 -- -- -- -- 9 9 9 6 -- 5 5 5 -- -- 6 6 6 7 6 6 7 8 IDT71215S9 Min. Max. -- -- -- 1 1 2 2 2 2 -- -- -- -- 0 1 -- -- 4 1.5 -- -- -- -- -- -- -- -- 9 9 9 -- 6 -- -- -- -- 10 10 10 6 -- 6 5 5 -- -- 6 6 7 8 7 7 7 9 IDT71215S10 Min. Max. -- -- -- 1 1 2 2 2 2 -- -- -- -- 0 1 -- -- 4 1.5 -- -- -- -- -- -- -- -- 10 10 10 -- 6 -- -- -- -- 11 11 11 7 -- 6 5 5 -- -- 7 7 7 8 7 7 7 10 IDT71215S12 Min. Max. Unit -- -- -- 1 1 2 2 2 2 -- -- -- -- 0 1 -- -- 4 1.5 -- -- -- -- -- -- -- -- 12 12 12 -- 7 -- -- -- -- 13 13 13 8 -- 7 6 6 -- -- 8 8 8 10 8 8 8 12 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
3075 tbl 15
MATCH and BRDY Cycles
Valid Hold from Address Valid Hold from Data
Address to BRDY Valid Data Input to BRDY Valid Chip Select LOW to BRDY Valid
BRDYOE BRDYOE BRDYOE
LOW to BRDY Valid LOW to BRDY in Low-Z HIGH to BRDY in High-Z
BRDYH HIGH to Force BRDY HIGH BRDYH LOW to BRDY Valid
BRDYIN BRDYIN
Set-up Time Hold Time
CLK HIGH BRDYIN LOW to BRDY LOW CLK HIGH BRDYIN HIGH to BRDY Valid
OET OET
LOW to MATCH and BRDY Invalid HIGH to MATCH and BRDY Valid
BRDY
W/R HIGH to BRDY HIGH W/R LOW to Valid CLK HIGH Write to MATCH and BRDY Invalid CLK HIGH Read to MATCH and BRDY Valid
NOTES: 1. This parameter is guaranteed with the AC Load (Figure 3) by device characterization, but is not production tested. 2. These parameters only apply when SFUNC is LOW and the internal WT bit is HIGH. 3. tADM, tDAM, tCSM and tADB, tDAB, tCSB must also be satisfied.
14.3
9
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
AC TEST CONDITIONS
Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Timing Reference Levels AC Test Load GND to 3.0V 3ns 1.5V 1.5V See Figs. 1, 2, 3, & 4
3075 tbl 16
AC TEST LOADS
VCCQ 893 Outputs 347 30pF *
VCCQ 893 Tag I/O 347 50pF *
3075 drw 03
3075 drw 04
Figure 1. AC Test Load
Figure 2. Tag I/O AC Test Load
* Including scope and jig capacitance
6
VCCQ
5
Tag I/O and Outputs 347
893
4 3 t (Typical, ns) 2 1
3075 drw 05
5pF*
Figure 3. AC Test Load (for tHZ and tLZ parameters )
* Including scope and jig capacitance
20 30
50
80 100 Capacitance (pF)
3075 drw 06
Figure 4. Lumped Capacitance Load, Typical Derating
14.3
10
STATUS WRITE TAG WRITE
TAG READ
CLK
A (0:13) tS tH tTOH tAAT tAAT
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
VALID
VALID VALID
CS1
CS2 tS tH tCHZ(1) tACST tCLZ(1)
WET
tS tCTV tH tCKLZ(1) tOTHZ(1)
tOET tOTLZ(1)
TIMING WAVEFORMS OF WRITE AND READ CYCLES
14.3
OET
TAG (0:11) tAAS
Valid Input
Valid Output tAAS
Valid Output
Valid Output
WES
tS tH Valid tCSV tCSH
tSOH
tSOH
VLDIN
DTYIN WTIN
tACSS tCHZ(1) Valid Valid tCLZ(1) Valid Valid
3075 drw 07
VLDOUT DTYOUT WTOUT
COMMERCIAL TEMPERATURE RANGE
11
NOTE: 1. Transition is measured 200mV from steady state.
CLK
A (0:13)
Valid Address
tADB tADM tMHA tBHA
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
TAG (0:11)
Valid Match Data
CS1
tDAB tDAM tMHD tBHD
CS2 tS tH tH tS tS
WES
tS tH
TIMING WAVEFORMS OF MATCH AND BRDY FUNCTIONS
14.3
WET
tCMLZ(1)
OET
tOEMV
tOBLZ(1) tCSB tOEMI
BRDYH tBYHV tCSM tOEBV
BRDYOE
tBYFH Valid BRDY Valid
tWMI
tWMV
tWMI tWMV Valid Valid tCMHZ(1) tOBHZ(1) Valid Valid
BRDY
Valid
MATCH
Valid
MATCH Valid
Valid
Valid
Valid
3075 drw 08
COMMERCIAL TEMPERATURE RANGE
12
NOTE: 1. Transition is measured 200mV from steady state.
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
TIMING WAVEFORMS OF RESET FUNCTION
CLK tSR
RESET
tHR
tPDSR
PWRDN
tSRST tSHRS VLDOUT DTYOUT WTOUT
WES
tS
tRHWL
WET
tRSMI
BRDY
tRSMV VALID VALID
MATCH tRSHZ(1) TAG (0:11) tRSLZ(1)
3075 drw 09
NOTE: 1. Transition is measured 200mV from steady state.
CLOCK TIMING WAVEFORM
tCH CLK 2.0V 2.0V
3075 drw 10
tCYC 0.8V
tCL 0.8V
TIMING WAVEFORMS OF BRDY AND W/R SIGNAL R
Applies when SFUNC is LOW, and the internal WT bit is HIGH
CLK tSB
BRDYIN
tHB
tBIBL W/R tWRBH
BRDY BRDY
tBIBV
tWRBV
BRDY
Valid
Valid
3075 drw 11
14.3
13
IDT71215 BiCMOS 16Kx15 CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
TIMING WAVEFORMS OF OES FUNCTION
OES
tOES tOSHZ(1) VLDOUT DTYOUT WTOUT
NOTE: 1. Transition is measured 200mV from steady state.
tOSLZ(1) Valid Output Valid Output
3075 drw 12
TIMING WAVEFORMS OF POWER DOWN FUNCTION
PWRDN
tWHPL CLK tRHPL
RESET
tPUWL
tS
WET, WES
tS
tPDHZ(1) TAG (0:11)
tPUV Valid TAG out tPDLZ(1)
VLDOUT DTYOUT WTOUT
BRDY
Valid Status out
BRDY
Valid
MATCH tPD ICC
NOTE: 1. Transition is measured 200mV from steady state.
MATCH Valid tPU
ISB
3075 drw 13
ORDERING INFORMATION
IDT 71215 Device Type S Power XX Speed PF Package PF 8 9 10 12 Plastic Thin Quad Flatpack (PN80-1)
Speed in nanoseconds
3075 drw 14
14.3
14


▲Up To Search▲   

 
Price & Availability of IDT71215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X